전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM4603CSK 데이터시트(PDF) 5 Page - Sinopower Semiconductor Inc

부품명 SM4603CSK
상세설명  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SINOPWER [Sinopower Semiconductor Inc]
홈페이지  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM4603CSK 데이터시트(HTML) 5 Page - Sinopower Semiconductor Inc

  SM4603CSK Datasheet HTML 1Page - Sinopower Semiconductor Inc SM4603CSK Datasheet HTML 2Page - Sinopower Semiconductor Inc SM4603CSK Datasheet HTML 3Page - Sinopower Semiconductor Inc SM4603CSK Datasheet HTML 4Page - Sinopower Semiconductor Inc SM4603CSK Datasheet HTML 5Page - Sinopower Semiconductor Inc SM4603CSK Datasheet HTML 6Page - Sinopower Semiconductor Inc SM4603CSK Datasheet HTML 7Page - Sinopower Semiconductor Inc SM4603CSK Datasheet HTML 8Page - Sinopower Semiconductor Inc SM4603CSK Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SM4603CSK
www.sinopowersemi.com
5
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.3 - July, 2013
®
N Channel Typical Operating Characteristics
Power Dissipation
Tj - Junction Temperature (°C)
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
1E-4
1E-3
0.01
0.1
1
10 30
1E-3
0.01
0.1
1
2
Mounted on 1in
2 pad
R
qJA :62.5
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
0
20 40 60 80 100 120 140 160 180
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
T
A=25
oC
0
20 40 60 80 100 120 140 160 180
0
2
4
6
8
10
T
A=25
oC,V
G=10V
0.01
0.1
1
10
100 300
0.01
0.1
1
10
100
1s
T
A=25
oC
10ms
300ms
1ms
100ms
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com