| 전자부품 데이터시트 검색엔진 |
|
DFD6760 데이터시트(PDF) 1 Page - DISCO Corporation |
|
|
|||||||||||||||||||||||||||||
DFD6760 데이터시트(HTML) 1 Page - DISCO Corporation |
|
1 / 2 page ![]() Fully automatic dual spindle dicing saw with two chuck tables to improve productivity The DFD6760 is a high end model which has further enhanced productivity from the DFD6362 fully automatic dicing saw for ø300 mm wafers. It has seen wide industry acceptance since its launch in 2008. Since this dicing saw has two chuck tables, it is possible for transfer and alignment to occur on one chuck table, while processing is performed on the other chuck table. This shortens the spindle waiting time for processing considerably and improves productivity. Since the DFD6760 has two chuck tables, inspection and measurement operations including workpiece image recording and workpiece thickness measurement using an NSD* can be performed on one chuck table, while processing proceeds on the other chuck table to maintain throughput. of the workpiece after processing can be recorded or workpiece Increased X, Y and Z-axis feed speed (same as the DFD6362) also contributes towards reduced processing time. *Non-contact surface height detector (option) DFD6760 High end dicing saw for ø300 mm wafers Fully Automatic Dicing Saw Enhancing the quality of thin wafer processing while maintaining throughput For thin wafer step cuts, controlling the cut depth from the wafer surface is important. The NSD that is used to control the cut depth makes it possible to measure the wafer upper surface height very accurately. Typically, the NSD requires about 10 seconds to make the measurements, but in the case of the DFD6760, the NSD makes the measurements while processing the wafer on the other chuck table, so the throughput does not deteriorate. Various measures to prevent particles The cut section atomizing nozzle, wheel cover, and chuck table water curtain, which have been well received in the DFD6362, are selectable as optional accessories in accordance with workpiece characteristics. DFD6760 operation flow Process flow comparison with existing model |
유사한 부품 번호 - DFD6760 |
|
유사한 설명 - DFD6760 |