| 전자부품 데이터시트 검색엔진 |
|
PIC16F636E/PQTP 데이터시트(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F636E/PQTP 데이터시트(HTML) 49 Page - Microchip Technology |
|
49 / 196 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41232B-page 47 PIC12F635/PIC16F636/639 4.2.4.5 RA4/T1G/OSC2/CLKOUT Figure 4-5 shows the diagram for this pin. The RA4 pin is configurable to function as one of the following: • a general purpose I/O • a TMR1 gate input • a crystal/resonator connection • a clock output FIGURE 4-5: BLOCK DIAGRAM OF RA4 4.2.4.6 RA5/T1CKI/OSC1/CLKIN Figure 4-6 shows the diagram for this pin. The RA5 pin is configurable to function as one of the following: • a general purpose I/O •a TMR1 clock input • a crystal/resonator connection • a clock input FIGURE 4-6: BLOCK DIAGRAM OF RA5 I/O pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D EN Q D EN Q XTAL RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA Fosc/4 Oscillator Circuit OSC1 CLKOUT 0 1 CLKOUT Enable Enable RD PORTA T1G To Timer1 INTOSC/ RC/EC(2) CLKOUT Enable Note 1: Oscillator modes are XT, HS, LP, LPTMR1 and CLKOUT Enable. 2: With CLKOUT option. Interrupt-on- change D Q CK Q Data Bus WR WPUDA RD WPUDA RAPU D Q CK Q WR WDA RD WDA VDD Weak Weak VSS CLK(1) Modes Q3 I/O pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D EN Q D EN Q RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA T1G To Timer1 INTOSC Mode RD PORTA OSC2 (2) Note 1: Oscillator modes are XT, HS, LP and LPTMR1. 2: When using Timer1 with LP oscillator, the Schmitt Trigger is bypassed. Interrupt-on- change Oscillator Circuit D Q CK Q Data Bus WR WPUDA RD WPUDA RAPU D Q CK Q WR WDA RD WDA VDD Weak Weak VSS CLK(1) Modes Q3 |