전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F636E/SLQTP 데이터시트(PDF) 52 Page - Microchip Technology

부품명 PIC16F636E/SLQTP
상세설명  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636E/SLQTP 데이터시트(HTML) 52 Page - Microchip Technology

Back Button PIC16F636E/SLQTP Datasheet HTML 48Page - Microchip Technology PIC16F636E/SLQTP Datasheet HTML 49Page - Microchip Technology PIC16F636E/SLQTP Datasheet HTML 50Page - Microchip Technology PIC16F636E/SLQTP Datasheet HTML 51Page - Microchip Technology PIC16F636E/SLQTP Datasheet HTML 52Page - Microchip Technology PIC16F636E/SLQTP Datasheet HTML 53Page - Microchip Technology PIC16F636E/SLQTP Datasheet HTML 54Page - Microchip Technology PIC16F636E/SLQTP Datasheet HTML 55Page - Microchip Technology PIC16F636E/SLQTP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 50
Preliminary
© 2005 Microchip Technology Inc.
4.3.6
RC4/C2OUT
The RC4 pin is configurable to function as one of the
following:
• a general purpose I/O
• a digital output from the comparator
FIGURE 4-9:
BLOCK DIAGRAM OF RC4
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
RD
PORTC
0
1
C2OUT Enable
C2OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More