전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SDP358 데이터시트(PDF) 4 Page - Shaoxing Devechip Microelectronics Co., Ltd

부품명 SDP358
상세설명  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
홈페이지  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDP358 데이터시트(HTML) 4 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDP358 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDP358 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Datasheet
December, 2013 Rev. 1.0
4/11
©2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
LOW POWER DUAL OPERATIONAL AMPLIFIERS
SDP358
Absolute Maximum Ratings (Note: Stresses greater than those listed under absolute maximum ratings may cause
permanent damage to the device.)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
20
V
Differential Input Voltage
VID
20
V
Input Voltage
VIN
-0.3 to 20
V
Input Current
IIN
50
mA
Output Short Circuit to Ground
-
Continuous
Power Dissipation (TA=25°C)
DIP-8
PD
830
mW
SOP-8
550
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65 to 150
°C
Latch-up test per JEDEC 78
-
200
mA
Table 2. Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Power supply
VCC
3
18
V
Operation temperature
Ta
-40
85
°C
Table 3 Recommended Operating Conditions
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com