전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EMBA5A10G 데이터시트(PDF) 4 Page - Excelliance MOS Corp.

부품명 EMBA5A10G
상세설명  Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXCELLIANCE [Excelliance MOS Corp.]
홈페이지  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMBA5A10G 데이터시트(HTML) 4 Page - Excelliance MOS Corp.

  EMBA5A10G Datasheet HTML 1Page - Excelliance MOS Corp. EMBA5A10G Datasheet HTML 2Page - Excelliance MOS Corp. EMBA5A10G Datasheet HTML 3Page - Excelliance MOS Corp. EMBA5A10G Datasheet HTML 4Page - Excelliance MOS Corp. EMBA5A10G Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2013/10/8 
p.4 
EMBA5A10G
On‐Resistance Variation with Drain Current and Gate Voltage
6.0 V
1.6
0.8
0
1.2
1.0
1.4
36
2.2
1.8
2.0
2.4
912
7.0 V
8.0 V
10 V
15
I   ‐ Drain Current( A )
D
GS
V    = 5.0 V
V   ‐ Drain‐Source Voltage( V )
0
0
3
DS
1
2
8.0V
V   = 10V
6
9
7.0V
GS
5.0V
3
45
On‐Region Characteristics
15
12
6.0V
On‐Resistance Variation with Gate‐Source Voltage
T   = 125°C
V   ‐ Gate‐Source Voltage( V )
0.05
2
0.10
0.20
0.15
GS
4
6
T   = 25°C
A
A
0.40
0.30
0.25
0.35
0.45
810
I   = 1.5 A
D
On‐Resistance Variation with Temperature
T   ‐ Junction Temperature (°C)
0.4
‐50
0.7
1.0
0
J
‐25
25
D
I   = 2A
V     = 10V
1.3
1.6
1.9
GS
125
50
75
100
150
T   = ‐55°C
V   ‐ Gate‐Source Voltage( V )
2
2
0
4
3
GS
V   = 10V
8
6
10
12
DS
A
5
4
6
25°C
125°C
Transfer Characteristics
Body Diode Forward Voltage Variation
with Source Current and Temperature
25°C
T   = 125°C
V   ‐ Body Diode Forward Voltage( V )
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V    = 0V
1
10
100
A
GS
1.0
0.8
1.2
‐55°C
1.4
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com