| 전자부품 데이터시트 검색엔진 |
|
MSM82C51A-2JS 데이터시트(PDF) 7 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM82C51A-2JS 데이터시트(HTML) 7 Page - OKI electronic componets |
|
7 / 26 page ![]() 7/26 ¡ Semiconductor MSM82C51A-2RS/GS/JS 2) Command Command is used for setting the operation of the MSM82C51A-2. It is possible to write a command whenever necessary after writing a mode instruction and sync characters. Items to be set by command are as follows: • Transmit Enable/Disable • Receive Enable/Disable • DTR, RTS Output of data. • Resetting of error flag. • Sending to break characters • Internal resetting • Hunt mode (synchronous mode) The bit configuration of a command is shown in Fig. 4. EH D7 IR D6 RTS D5 ER D4 SBRK D3 RXE D2 DTR D1 TXEN D0 1ºTransmit Enable 0ºDisable DTR 1 Æ DTR = 0 0 Æ DTR = 1 1ºRecieve Enable 0ºDisable 1ºSent Break Charactor 0ºNormal Operation 1ºReset Error Flag 0ºNormal Operation RTS 1 Æ RTS = 0 0 Æ RTS = 1 1ºInternal Reset 0ºNormal Operation 1ºHunt Mode (Note) 0ºNormal Operation Note: Seach mode for synchronous charactors in synchronous mode. Fig. 4 Bit Configuration of Command |