| 전자부품 데이터시트 검색엔진 |
|
BMP085 데이터시트(PDF) 17 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BMP085 데이터시트(HTML) 17 Page - Bosch Sensortec GmbH |
|
17 / 27 page ![]() BMP085 Data sheet Bosch Sensortec Rev. 1.2 Page 17 15 October 2009 © Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Specifications are subject to change without notice. Timing diagram for starting pressure measurement ACKS S ACKS Module address write 0xEE Register address 0xF4 Control register data 0xF4 SCL SDA ACKS P 4.4 Start temperature and pressure measurement The timing diagrams to start the measurement of the temperature value UT and pressure value UP are shown below. After start condition the master sends the device address write, the register address and the control register data. The BMP085 sends an acknowledgement (ACKS) every 8 data bits when data is received. The master sends a stop condition after the last ACKS. Abbreviations: S Start P Stop ACKS Acknowledge by Slave ACKM Acknowledge by Master NACKM Not Acknowledge by Master Control registers values for different internal oversampling_setting (osrs): Instead of waiting for the maximum conversion time, the output pin EOC (end of conversion) can be used to check if the conversion is finished (logic 1) or still running (logic 0). After the conversion is finished BMP085 switches automatically in standby mode. Measurement Control register value (register address 0xF4) Max. conversion time [ms] Temperature 0x2E 4.5 Pressure (osrs = 0) 0x34 4.5 Pressure (osrs = 1) 0x74 7.5 Pressure (osrs = 2) 0xB4 13.5 Pressure (osrs = 3) 0xF4 25.5 |