전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BMP183 데이터시트(PDF) 3 Page - Bosch Sensortec GmbH

부품명 BMP183
상세설명  Digital pressure sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSCH [Bosch Sensortec GmbH]
홈페이지  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP183 데이터시트(HTML) 3 Page - Bosch Sensortec GmbH

  BMP183 Datasheet HTML 1Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data sheet
BMP183
Page 3
BST-BMP183-DS000-00 | Revision 1.0 | June 2012
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
BMP183 general description
The BMP183 is the function compatible successor of the BMP085, a new generation of high
precision digital pressure sensors for consumer applications.
The ultra-low power, low voltage electronics of the BMP183 is optimized for use in mobile phones,
PDAs, GPS navigation devices and outdoor equipment. With a low altitude noise of merely 0.25m at
fast conversion time, the BMP183 offers superior performance. The SPI interface allows for easy
system integration with a microcontroller.
The BMP183 is based on piezo-resistive technology for EMC robustness, high accuracy and linearity as
well as long term stability.
Robert Bosch is the world market leader for pressure sensors in automotive applications. Based on
the experience of over 400 million pressure sensors in the field, the BMP183 continues a new
generation of micro-machined pressure sensors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28