| 전자부품 데이터시트 검색엔진 |
|
CTX01-18738-R 데이터시트(PDF) 2 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
CTX01-18738-R 데이터시트(HTML) 2 Page - Eaton All Rights Reserved. |
|
2 / 4 page ![]() 2 Technical Data 4410 Effective November 2015 CTX01-18738-R High current, high frequency power inductors www.eaton.com/elx Product Specifications Part Number6 OCL1 (nH) ±10% FLL2 (nH) minimum I rms 3 (amps) I sat1 4 (amps) I sat2 5 (amps) DCR (mΩ) @20°C CTX01-18738-R 210 151 50 55 45 0.29 ± 5% 1.Open Circuit Inductance (OCL) Test Parameters: 300kHz, 0.10V rms, 0.0Adc @ 25°C. 2. Full Load Inductance (FLL) Test Parameters: 300kHz, 0.10V rms, Isat1 @ 25°C. 3. I rms: DC current for an approximate temperature rise of 20°C without core loss. Derating is necessary for AC currents. PCB layout, trace thickness and width, air-flow and proximity of other heat generating components will affect the temperature rise. It is recommended that the temperature of the part not exceed 125°C under worst case operating conditions verified in the end application. 4. I sat1: Peak current for approximately 20% rolloff at +25°C. 5. I sat2: Peak current for approximately 20% rolloff at +125°C. 6. Part Number Definition: CTX01-18738-R - CTX01-18738 = Product code and size - “-R” suffix = RoHS compliant Packaging information (mm) Dimensions (mm) Temperature rise vs. total loss ± ± ± 6.70 typ. 0 10 20 30 40 50 60 0.0 0.5 1.0 1.5 2.0 2.5 Total Loss (W) Part marking: CTX01-18738, wwllyy = Date Code, R = Revision Level All soldering surfaces must be coplanar within 0.102 millimeters. Tolerances are ±0.1 millimeters unless stated otherwise. The DCR is measured from point “a” to point “b” |