| 전자부품 데이터시트 검색엔진 |
|
FP1108L1-R180-R 데이터시트(PDF) 6 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
FP1108L1-R180-R 데이터시트(HTML) 6 Page - Eaton All Rights Reserved. |
|
6 / 6 page ![]() Eaton Electronics Division 1000 Eaton Boulevard Cleveland, OH 44122 United States www.eaton.com/elx © 2015 Eaton All Rights Reserved Printed in USA Publication No. 10448 BU-MC15030 October 2015 Eaton is a registered trademark. All other trademarks are property of their respective owners. FP1108L1 and FP1108L2 High frequency, high current power inductors Technical Data 10448 Effective October 2015 Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin. t tP ts TC -5°C Time 25°C to Peak Time 25°C Tsmin Tsmax TL TP Preheat A Max. Ramp Up Rate = 3°C/s Max. Ramp Down Rate = 6°C/s Solder reflow profile Reference JDEC J-STD-020D Profile Feature Standard SnPb Solder Lead (Pb) Free Solder Preheat and Soak • Temperature min. (Tsmin) 100°C 150°C • Temperature max. (Tsmax) 150°C 200°C • Time (Tsmin to Tsmax) (ts) 60-120 Seconds 60-120 Seconds Average ramp up rate Tsmax to Tp 3°C/ Second Max. 3°C/ Second Max. Liquidous temperature (Tl) Time at liquidous (tL) 183°C 60-150 Seconds 217°C 60-150 Seconds Peak package body temperature (TP)* Table 1 Table 2 Time (tp)** within 5 °C of the specified classification temperature (Tc) 20 Seconds** 30 Seconds** Average ramp-down rate (Tp to Tsmax) 6°C/ Second Max. 6°C/ Second Max. Time 25°C to Peak Temperature 6 Minutes Max. 8 Minutes Max. * Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum. ** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum. Table 1 - Standard SnPb Solder (Tc) Package Thickness Volume mm3 <350 Volume mm3 ≥350 <2.5mm) 235°C 220°C ≥2.5mm 220°C 220°C Table 2 - Lead (Pb) Free Solder (Tc) Package Thickness Volume mm3 <350 Volume mm3 350 - 2000 Volume mm3 >2000 <1.6mm 260°C 260°C 260°C 1.6 – 2.5mm 260°C 250°C 245°C >2.5mm 250°C 245°C 245°C |