| 전자부품 데이터시트 검색엔진 |
|
LDS0705-471M-R 데이터시트(PDF) 4 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
LDS0705-471M-R 데이터시트(HTML) 4 Page - Eaton All Rights Reserved. |
|
4 / 4 page ![]() Eaton Electronics Division 1000 Eaton Boulevard Cleveland, OH 44122 United States www.eaton.com/electronics © 2017 Eaton All Rights Reserved Printed in USA Publication No. 4142 July 2017 Eaton is a registered trademark. All other trademarks are property of their respective owners. Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin. Technical Data 4142 Effective July 2017 LDS0705 Shielded metalized drum core power inductors Solder Reflow Profile t tP ts TC -5°C Time 25°C to Peak Time 25°C Tsmin Tsmax TL TP Preheat A Max. Ramp Up Rate = 3°C/s Max. Ramp Down Rate = 6°C/s TTaabbllee 1 1 -- S Sttaannddaarrdd S SnnP Pbb S Soollddeerr ((TTcc)) Volume Volume Package mm 3 mm 3 Thickness <350 _ >350 <2.5mm 235°C 220°C _ >2.5mm 220°C 220°C TTaabbllee 2 2 -- LLeeaadd ((P Pbb)) FFrreeee S Soollddeerr ((TTcc)) Volume Volume Volume Package mm 3 mm 3 mm 3 Thickness <350 350 - 2000 >2000 <1.6mm 260°C 260°C 260°C 1.6 – 2.5mm 260°C 250°C 245°C >2.5mm 250°C 245°C 245°C Reference JDEC J-STD-020 Standard SnPb Solder Lead (Pb) Free Solder Profile Feature Preheat and Soak• e T mperature min. (Tsmin) 100°C 150°C • Temperature max. (Tsmax) 150°C 200°C • Time (Tsmin to Tsmax) (ts) 60-120 Seconds 60-120 Seconds 3°C/ Second Max. 3°C/ Second Max. 183°C 217°C 60-150 Seconds 60-150 Seconds Table 1 able 2 T 20 Seconds** 30 Seconds** 6°C/ Second Max. 6°C/ Second Max. Average ramp up rate Tsmax to Tp Liquidous temperature (TL) Time at liquidous (tL) Peak package body temperature (TP)* Time (tp)** within 5 °C of the specified classification temperature (Tc) Average ramp-down rate (Tp to Tsmax) Time 25°C to Peak Temperature Minutes Max. 6 8 Minutes Max. * Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum. ** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum. Discontinued, Effective October 31, 2018 or until inventory is depeleted. No replacement available. DRA74-R possible alternate solution. |