전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPI4040R2-1R5-R 데이터시트(PDF) 3 Page - Eaton All Rights Reserved.

부품명 MPI4040R2-1R5-R
상세설명  High current, high frequency, miniature power inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EATON [Eaton All Rights Reserved.]
홈페이지  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPI4040R2-1R5-R 데이터시트(HTML) 3 Page - Eaton All Rights Reserved.

  MPI4040R2-1R5-R Datasheet HTML 1Page - Eaton All Rights Reserved. MPI4040R2-1R5-R Datasheet HTML 2Page - Eaton All Rights Reserved. MPI4040R2-1R5-R Datasheet HTML 3Page - Eaton All Rights Reserved. MPI4040R2-1R5-R Datasheet HTML 4Page - Eaton All Rights Reserved. MPI4040R2-1R5-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPI4040R2-1R5-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPI4040R2-1R5-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPI4040R2-1R5-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPI4040R2-1R5-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Technical Data
4086
Effective October 2015
MPI4040
High current, high frequency, miniature power inductors
www.eaton.com/elx
Product Specifications
Part Number5
OCL1
± 20% (μH)
Part marking
designator
I
rms
2
(amps)
I
sat
3
@ 25°C (amps)
DCR (mΩ)
±20% @ 20°C
K-factor4
R3 — 1.85mm Height
MPI4040R3-R22-R
0.22
A
8.0
20
5.8
1870
MPI4040R3-R47-R
0.47
B
5.8
17
10.3
1530
MPI4040R3-1R2-R
1.2
C
4.0
9.4
32
732
MPI4040R3-1R5-R
1.5
D
3.8
8.2
36
673
MPI4040R3-2R2-R
2.2
E
3.4
7.9
48
543
MPI4040R3-3R3-R
3.3
F
3.0
6.6
60
432
MPI4040R3-4R7-R
4.7
G
2.3
4.8
92
374
MPI4040R3-6R8-R
6.8
H
2.0
4.5
120
306
MPI4040R3-100-R
10
I
1.5
3.8
213
251
MPI4040R3-150-R
15
J
1.3
3.0
285
213
MPI4040R3-220-R††
22
K
1.1
2.2
408
174
R4 — 2.0mm Height
MPI4040R4-R22-R
0.22
A
10.1
15
5.3
2405
MPI4040R4-R33-R
0.33
B
9.5
12.8
6.0
1870
MPI4040R4-R47-R
0.45
C
8.1
11.5
8.2
1530
MPI4040R4-1R0-R
1.0
D
5.7
8.2
17
990
MPI4040R4-1R5-R
1.5
E
4.9
6.9
23
802
MPI4040R4-2R2-R
2.2
F
3.9
5.7
35
673
MPI4040R4-3R3-R††
3.3
G
3.3
4.5
49
510
MPI4040R4-4R7-R††
4.7
H
2.9
3.9
67
455
MPI4040R4-6R8-R††
6.8
I
2.4
3.2
91
374
MPI4040R4-100-R††
10
J
1.9
2.6
148
306
MPI4040R4-220-R††
22
K
1.3
1.8
316
203
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc
2. I
rms: DC current for an approximate temperature rise of 40°C without core loss. De-rating is necessary for AC currents.
Temperature rise is dependent upon several factors, including the PCB pad layout, trace thickness and width, air-flow
and proximity to other heat generating components. It is recommended the part temperature not exceed 125°C under
worst case operating conditions and therefore, the temperature rise should be verified in the end use application. I
rms
testing was performed on a 19.05mm long x 6.35mm wide x 0.070mm thick copper trace in still air.
3. I
sat: Peak current for approximately 30% rolloff at +25°C.
4. K-factor: Used to determine B
p-p for core loss (see graph).
B
p-p = K * L * DI.Bp-p : (Gauss), K: (K-factor from table), L: (inductance in μH),
DI =(peak-to-peak ripple current in amps).
5. Part Number Definition: MPI4040RX-XXX-R
• MPI4040R = product code and size
• X = version indicator
• XXX = inductance value in μH, R= decimal point - If no R is present, then last character equals the
number of zeros
• -R suffix = RoHS compliant
† Transient pulse not to exceed 1 millisecond.
†† Maximum operating frequency less than 10MHz, consult factory for application specific values.
Discontinued,
Effective
September
15,
2016
or until
inventory
is depleted.
Recommended
replacement
MPI40-V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13