| 전자부품 데이터시트 검색엔진 |
|
MSM9004 데이터시트(PDF) 7 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM9004 데이터시트(HTML) 7 Page - OKI electronic componets |
|
7 / 15 page ![]() ¡ Semiconductor MSM9004-01/02 7/15 *1: VDD–VLC3 *2: The following relationship must be kept: VDD>VLC1>VLC2≥VSS VLC1=VDD –(VDD – VLC3) VLC2=VDD –(VDD – VLC3) VLC3=VDD –(VDD – VLC3) *3: VDD is the reference potential for the LCD driving voltage. To decide the LCD driving voltage, change the voltage between VLC3 and VSS (VLC3 > 0). 2 3 3 3 1 3 ABSOLUTE MAXIMUM RATINGS RECOMMENDED OPERATING CONDITIONS Parameter Symbol Condition Rating Unit Power Supply Voltage VDD — –0.3 to +6.5 V LCD Driver Voltage VLCD — –0.3 to VDD +0.3 V Input Voltage VIN — –0.3 to VDD +0.3 V Power Dissipation PD Ta = +85˚C 450 mW Storage Temperature TSTG — –55 to 150 °C Parameter Symbol Condition Range Unit Power Supply Voltage VDD — 4.5 to 5.5 V LCD Driver Voltage VLCD 3.7V to VDD V System Clock Frequency fCP1 1.5 to 4.3 kHz Self Oscillation Frequency fOSC 1.5 to 4.3 kHz Shift Frequency (Max) fCP2 — 2.0 MHz Operating Temperature Top — –40 to +85 °C * 2 Applied to MSM9004-01 Applied to MSM9004-02 * 1 * 3 |