| 전자부품 데이터시트 검색엔진 |
|
MSM9005 데이터시트(PDF) 17 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM9005 데이터시트(HTML) 17 Page - OKI electronic componets |
|
17 / 30 page ![]() ¡ Semiconductor MSM9005-xx 17/30 FEDL9005-03 C7 C6 C5 C4 C3 C2 C1 C0 D8 D7 D6 D5 D4 D3 D2 D1 CG ROM code data C7 C6 C5 C4 C3 C2 C1 C0 D8 D7 D6 D5 D4 D3 D2 D1 CG ROM code data CGA RAM address is only 00H to 0CH. The address pointer value becomes 0DH. However, this CG ROM data is ignored. CG ROM code data is written to CGA RAM address 0CH, and the character corresponding to the specified CG ROM code can be displayed at segments 61 to 65. After this data transfer is executed, the address pointer value becomes 0DH. |