| 전자부품 데이터시트 검색엔진 |
|
MPIA4020V2-R22-R 데이터시트(PDF) 7 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
MPIA4020V2-R22-R 데이터시트(HTML) 7 Page - Eaton All Rights Reserved. |
|
7 / 22 page ![]() 7 Technical Data 10652 Effective April 2017 MPIA40-V2 Automotive grade High current, low profile, miniature power inductors www.eaton.com/electronics Core loss vs Bp-p 0.001 0.01 0.1 1 10 100 10 100 1000 10000 Bp-p (Gauss) MPIA4015V2-100-R 500 kHz 300 kHz 100 kHz 25 kHz 700 kHz 3.5 MHz 3.0 MHz 2.0 MHz 1.0 MHz 50 kHz 0.001 0.01 0.1 1 10 100 10 100 1000 10000 Bp-p (Gauss) MPIA4020V2-R10-R 500 kHz 300 kHz 100 kHz 25 kHz 700 kHz 3.5 MHz 3.0 MHz 2.0 MHz 1.0 MHz 50 kHz 0.001 0.01 0.1 1 10 100 10 100 1000 10000 Bp-p (Gauss) MPIA4020V2-R22-R 500 kHz 300 kHz 100 kHz 25 kHz 700 kHz 3.5 MHz 3.0 MHz 2.0 MHz 1.0 MHz 50 kHz 0.001 0.01 0.1 1 10 100 10 100 1000 10000 Bp-p (Gauss) MPIA4020V2-R33-R 500 kHz 300 kHz 100 kHz 25 kHz 700 kHz 3.5 MHz 3.0 MHz 2.0 MHz 1.0 MHz 50 kHz 0.001 0.01 0.1 1 10 100 10 100 1000 10000 Bp-p (Gauss) MPIA4020V2-R47-R 500 kHz 300 kHz 100 kHz 25 kHz 700 kHz 3.5 MHz 3.0 MHz 2.0 MHz 1.0 MHz 50 kHz 0.001 0.01 0.1 1 10 100 10 100 1000 10000 Bp-p (Gauss) MPIA4020V2-R56-R 500 kHz 300 kHz 100 kHz 25 kHz 700 kHz 3.5 MHz 3.0 MHz 2.0 MHz 1.0 MHz 50 kHz |