전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S75PL127JCFBAWB2 데이터시트(PDF) 44 Page - SPANSION

부품명 S75PL127JCFBAWB2
상세설명  Power supply woltage of 2.7 to 3.1 volt
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S75PL127JCFBAWB2 데이터시트(HTML) 44 Page - SPANSION

Back Button S75PL127JCFBAWB2 Datasheet HTML 40Page - SPANSION S75PL127JCFBAWB2 Datasheet HTML 41Page - SPANSION S75PL127JCFBAWB2 Datasheet HTML 42Page - SPANSION S75PL127JCFBAWB2 Datasheet HTML 43Page - SPANSION S75PL127JCFBAWB2 Datasheet HTML 44Page - SPANSION S75PL127JCFBAWB2 Datasheet HTML 45Page - SPANSION S75PL127JCFBAWB2 Datasheet HTML 46Page - SPANSION S75PL127JCFBAWB2 Datasheet HTML 47Page - SPANSION S75PL127JCFBAWB2 Datasheet HTML 48Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 183 page
background image
August 12, 2004 S29PL127J_064J_032J_MCP_00_A3
S29PL127J/S29PL064J/S29PL032J for MCP
45
Prel imin ary
If DQ5 goes high during a program or erase operation, writing the reset command
returns the banks to the read mode (or erase-suspend-read mode if that bank
was in Erase Suspend).
Autoselect Command Sequence
The autoselect command sequence allows the host system to access the manu-
facturer and device codes, and determine whether or not a sector is protected.
The autoselect command sequence may be written to an address within a bank
that is either in the read or erase-suspend-read mode. The autoselect command
may not be written while the device is actively programming or erasing in the
other bank.
The autoselect command sequence is initiated by first writing two unlock cycles.
This is followed by a third write cycle that contains the bank address and the au-
toselect command. The bank then enters the autoselect mode. The system may
read any number of autoselect codes without reinitiating the command sequence.
Table 13 shows the address and data requirements. To determine sector protec-
tion information, the system must write to the appropriate bank address (BA) and
sector address (SA). Table 3 shows the address range and bank number associ-
ated with each sector.
The system must write the reset command to return to the read mode (or erase-
suspend-read mode if the bank was previously in Erase Suspend).
Enter SecSi™ Sector/Exit SecSi Sector Command Sequence
The SecSi Sector region provides a secured data area containing a random, eight
word electronic serial number (ESN). The system can access the SecSi Sector re-
gion by issuing the three-cycle Enter SecSi Sector command sequence. The
device continues to access the SecSi Sector region until the system issues the
four-cycle Exit SecSi Sector command sequence. The Exit SecSi Sector command
sequence returns the device to normal operation. The SecSi Sector is not acces-
sible when the device is executing an Embedded Program or embedded Erase
algorithm. Table 13 shows the address and data requirements for both command
sequences. See also “SecSi™ (Secured Silicon) Sector Flash Memory Region” for
further information. Note that the ACC function and unlock bypass modes are not
available when the SecSi Sector is enabled.
Word Program Command Sequence
Programming is a four-bus-cycle operation. The program command sequence is
initiated by writing two unlock write cycles, followed by the program set-up com-
mand. The program address and data are written next, which in turn initiate the
Embedded Program algorithm. The system is not required to provide further con-
trols or timings. The device automatically provides internally generated program
pulses and verifies the programmed cell margin. Table 13 shows the address and
data requirements for the program command sequence. Note that the SecSi Sec-
tor, autoselect, and CFI functions are unavailable when a [program/erase]
operation is in progress.
When the Embedded Program algorithm is complete, that bank then returns to
the read mode and addresses are no longer latched. The system can determine
the status of the program operation by using DQ7, DQ6, or RY/BY#. Refer to the
Write Operation Status section for information on these status bits.
Any commands written to the device during the Embedded Program Algorithm
are ignored. Note that a hardware reset immediately terminates the program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com