| 전자부품 데이터시트 검색엔진 |
|
DM5405W 데이터시트(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM5405W 데이터시트(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6495 June 1989 DM5405DM7405 Hex Inverters with Open-Collector Outputs General Description This device contains six independent gates each of which performs the logic INVERT function The open-collector out- puts require external pull-up resistors for proper logical op- eration Pull-Up Resistor Equations RMAX e VCC (Min) b VOH N1 (IOH) a N2 (IIH) RMIN e VCC (Max) b VOL IOL b N3 (IIL) Where N1 (IOH) e total maximum output high current for all outputs tied to pull-up resistor N2 (IIH) e total maximum input high current for all inputs tied to pull-up resistor N3 (IIL) e total maximum input low current for all inputs tied to pull-up resistor Connection Diagram Dual-In-Line Package TLF6495 – 1 Order Number DM5405J DM5405W or DM7405N See NS Package Number J14A N14A or W14B Function Table Y e A Input Output AY LH HL H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
유사한 부품 번호 - DM5405W |
|
유사한 설명 - DM5405W |