전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HPV 데이터시트(PDF) 1 Page - Eaton All Rights Reserved.

부품명 HPV
상세설명  Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EATON [Eaton All Rights Reserved.]
홈페이지  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HPV 데이터시트(HTML) 1 Page - Eaton All Rights Reserved.

  HPV_15 Datasheet HTML 1Page - Eaton All Rights Reserved. HPV_15 Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2157
Effective December 2015
Supersedes June 2015
BUSSMANN
SERIES
1000Vdc, 1-20A
Single-pole, non-serviceable in-line PV fuse holder and fuse
assembly
Catalog symbol:
HPV-DV-(amp)A
Description:
Eaton’s Bussmann® series of HPV single-pole,
non-serviceable photovoltaic in-line fuse
holders/assemblies are available in an IP67
dust-tight and temporary water immersion
resistant insulating boot for use in photovoltaic
wire harnesses.
Final assembly of conductors (customer
supplied), insulating boots and labeling to be
performed by customer following the directions
contained in instruction leaflet No. 3A1963.
Ratings
Volts 1000Vdc
Amps 1-20A
IR 33kA
Agency information
UL® Listed to 4248-1 and 4248-18.
File E348242,
CSA® component acceptance, Class 6225 30,
File 47235
CE, RoHS compliant, IP20 finger-safe, IP67
Conductors
75°C/90°C Cu stranded 12-10AWG PV wire
Terminals
Crimp connection for single, stranded
12-10AWG PV conductor
Boot material
UL 5VA flammability resistant rated elasto-
mer. UV resistant to UL F1 suitable for out-
door use.
Operating and storage temperature range
-40°C to +90°C
Recommended tools
Sta-Kon® terminal crimping tool, catalog
#ERG4002
Multi-Contact assembly tool, catalog
#PV-RWZ with PV-KOI+II and PV-KOIII tapered
spindles
Packing
Bulk packed in cartons, 180 fuse assemblies per
carton. Carton weight 19.3 Lbs (8.7543 kg)
Fuse assemblies poly bagged with PV fuse
element, two insulating boots (for lineside and
loadside), and one pressure sensitive label to
be applied on outside after complete assembly
to the wire harness.
Catalog numbers (amps) and fuse elements*
HPV catalog
number
10x38mm
PV fuse part
number
Amps
HPV-DV-1A
PV-1A10F-CT
1
HPV-DV-2A
PV-2A10F-CT
2
HPV-DV-2.5A
PV-2.5A10F-CT
2.5
HPV-DV-3A
PV-3A10F-CT
3
HPV-DV-3.5A
PV-3.5A10F-CT
3.5
HPV-DV-4A
PV-4A10F-CT
4
HPV-DV-5A
PV-5A10F-CT
5
HPV-DV-6A
PV-6A10F-CT
6
HPV-DV-8A
PV-8A10F-CT
8
HPV-DV-10A
PV-10A10F-CT
10
HPV-DV-12A
PV-12A10F-CT
12
HPV-DV-15A
PV-15A10F-CT
15
HPV-DV-20A
PV-20A10F-CT
20
*
For fuse specifications and derating curves see data
sheet no. 10121 at eaton.com/bussmannseries.
For assistance with design, installation
or assembly related to this product. Call
Bussmann series applications engineering
at 636-527-1270, M-F, 7:00 a.m. to 5:00 p.m.
Central Time, or email fusetech@eaton.com.


유사한 부품 번호 - HPV_15

제조업체부품명데이터시트상세설명
logo
M-System Co.,Ltd.
HPV-1-R MSYSTEM-HPV-1-R Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPV-1-R/A1S MSYSTEM-HPV-1-R/A1S Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPV-1-R/A2 MSYSTEM-HPV-1-R/A2 Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPV-1-R/A2S MSYSTEM-HPV-1-R/A2S Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPV-1-R/A3 MSYSTEM-HPV-1-R/A3 Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
More results

유사한 설명 - HPV_15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
441-R332A-GR ETC2-441-R332A-GR Datasheet
195Kb / 2P
In-Line Fuse Holder
441-R332B-GR ETC2-441-R332B-GR Datasheet
208Kb / 2P
In-Line Fuse Holder
441-R364-GR ETC2-441-R364-GR Datasheet
182Kb / 2P
In-Line Fuse Holder
logo
Cooper Bussmann, Inc.
HPV-DV-1A COOPER-HPV-DV-1A Datasheet
528Kb / 2P
Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
List of Unclassifed Man...
HPV-DV-1A ETC1-HPV-DV-1A Datasheet
528Kb / 2P
Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
Eaton All Rights Reserv...
HHB EATON-HHB Datasheet
199Kb / 1P
In-line fuse holder
HHK EATON-HHK Datasheet
135Kb / 1P
in-line fuse holder
HHN EATON-HHN Datasheet
202Kb / 1P
in-line fuse holder
HPV EATON-HPV Datasheet
692Kb / 2P
HPV single-pole, non-serviceable in-line PV fuse holder and fuse assembly: 1-20 A, 1000 Vdc / 4 A, 1500 Vdc
logo
Littelfuse
MAXIMAH LITTELFUSE-MAXIMAH Datasheet
277Kb / 1P
IN-LINE BLADE FUSE HOLDER
2021
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com