전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPSD3045 데이터시트(PDF) 1 Page - SiPower Inc.

부품명 SPSD3045
상세설명  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPOWER [SiPower Inc.]
홈페이지  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

SPSD3045 데이터시트(HTML) 1 Page - SiPower Inc.

  SPSD3045 Datasheet HTML 1Page - SiPower Inc. SPSD3045 Datasheet HTML 2Page - SiPower Inc. SPSD3045 Datasheet HTML 3Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifier
SPSD3045
http://www.sipower-inc.com
SiPower – The official marketing arm of Zhonghuan Semiconductor
P1/3
D2PAK
Primary Characteristics
IF(AV)
30A
VRRM
45V
IFSM
400A
VF
0.55V
TJ max.
-50 ~ +150 oC
Features
Metal silicon junction, majority carrier
conduction
Highly stable oxide passivated junction
Guard ring for stress protection
Low forward voltage drop
High current capability
High surge capability
High reliability capability
Suffix “F” indicates halogen free parts, ex.
SPSD3045F
Ideal for solar panel PV application such as
By-Pass diode
Mechanical Data
Case:D2PAK , Epoxy, Molded
Plastic package has Underwrites Laboratory
Flammability Classification 94V-0
Terminal:Pure tin plated, lead free
Lead temperature for soldering purpose:260oC
max. for 10 sec
Weight:Approx. 1.8g
Maximum Rating (Ta=25oC unless otherwise noted)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
45
V
RMS Reverse Voltage
VRMS
31.5
V
DC Blocking Voltage
VDC
45
V
DC Forward Current
IF(AV)
30
A
Peak Forward Surge Current 8.3 ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
400
A
Operating Junction Temperature
TJ
-50 ~ +150
oC
Operating Junction Temperature
– in DC forward Mode
TJ
200 max
oC
Storage Temperature
TSTG
-50 ~ +150
oC


유사한 부품 번호 - SPSD3045

제조업체부품명데이터시트상세설명
logo
SiPower Inc.
SPSD3045CT SIPOWER-SPSD3045CT Datasheet
235Kb / 3P
Schottky Barrier Rectifier
More results

유사한 설명 - SPSD3045

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com