전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPSD3045CT 데이터시트(PDF) 2 Page - SiPower Inc.

부품명 SPSD3045CT
상세설명  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPOWER [SiPower Inc.]
홈페이지  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

SPSD3045CT 데이터시트(HTML) 2 Page - SiPower Inc.

  SPSD3045CT Datasheet HTML 1Page - SiPower Inc. SPSD3045CT Datasheet HTML 2Page - SiPower Inc. SPSD3045CT Datasheet HTML 3Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Schottky Barrier Rectifier
SPSD3045CT
http://www.sipower-inc.com
SiPower – The official marketing arm of Zhonghuan Semiconductor
P2/3
Maximum Rating (Ta=25oC unless otherwise noted)
Parameter
Test Condition
Symbol
Typ.
Max.
Unit
Forward Voltage Drop(1)
Tj=25oC
IF=5A
VF
0.41
0.45
V
Tj=125oC
0.31
-
V
Tj=200oC
0.24
-
V
Tj=25oC
IF=8A
VF
0.44
0.48
V
Tj=125oC
0.35
-
V
Tj=200oC
0.27
-
V
Tj=25oC
IF=12A
VF
0.46
-
V
Tj=125oC
0.40
-
V
Tj=200oC
0.32
-
V
Tj=25oC
IF=15A
VF
0.48
0.55
V
Tj=125oC
0.43
-
V
Tj=200oC
0.34
-
V
Reverse Leakage Current(1)
Tj=25oC
VR=VRRM
IR
0.03
0.5
mA
Tj=100oC
-
25
mA
Note:
(1)
Pulse test with PW=300us, 1% duty cycle
Typical Characteristics Curves(Ta=25 oC unless otherwise noted)
Figure 1. Forward Current Derating Curve
Figure 2. Forward Voltage Characteristics



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com