전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ETA1918S 데이터시트(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

부품명 ETA1918S
상세설명  2.5A, 3MHz Switching Charger with Dynamic Power Path Management
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETA [ETA SOLUTIONS CO. LIMITED]
홈페이지  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1918S 데이터시트(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1918S Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1918S
www.ETAsolution.com
Outperform with Efficiency
1
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
DESCRIPTION
ETA1918S is a switching Li-Ion battery charger with dynamic power-path control and input current limiting. When a battery is connected,
depending on the battery voltage, the DC-DC switching regulator either pre-conditions, fast-charges the battery or just regulates a system
voltage (VSYS) to a preset voltage. It does not require an external sense resistor for current sensing. The charging current is determined by
programming ISET1 or ISET2 pin, depending on the state of the nUSB_DET. One should pull nUSB_DET low, if an USB adapter input is present,
the charge current is set by ISET2; otherwise, it is set by ISET1. When the battery voltage reaches the termination voltage i.e. 4.2V, the
charging path disconnects SYS to BATT. The ETA1918S also includes a dynamic power path when the SYS load current exceeds current limit
of the DCDC regulator internally set, the SYS voltage falls below VBATT, ETA1918S turns on the power-path to supplement the system load
through the battery.
FEATURES
Switching Charger with Power Path Management
Up to 95% DC-DC Efficiency
50mΩ Power Path MOSFET
Up to 2.5A Max charging current
Instant on with a dead Battery or no Battery
No battery detection
No External Sense resistor
Programmable USB and AC IN Charging Current
APPLICATIONS
Tablet, MID
Smart Phone
Power Bank
ORDERING INFORMATION
PART
PACKAGE PIN TOP MARK
ETA1918SQ3Q
QFN3X3-16
ETA-42
TYPICAL APPLICATION
2A Switching Charger with Dynamic Power Path
SYS
SW
PGND
IN
BATT
NTC
ISET1
ISET2
nUSB_DET
ENB
SYS
SYSTEM
LOAD
2.2uH
2.2K
2K
Ω
500
Ω
5V INPUT
22uF
10uF
1uF


유사한 부품 번호 - ETA1918S

제조업체부품명데이터시트상세설명
logo
ETA SOLUTIONS CO. LIMIT...
ETA1013 ETA-ETA1013 Datasheet
212Kb / 1P
12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
ETA1013E8A-T ETA-ETA1013E8A-T Datasheet
212Kb / 1P
12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
ETA1017 ETA-ETA1017 Datasheet
118Kb / 1P
10關A IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
ETA1019 ETA-ETA1019 Datasheet
188Kb / 1P
Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
ETA1020 ETA-ETA1020 Datasheet
110Kb / 1P
3-pin Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
More results

유사한 설명 - ETA1918S

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL9301 INTERSIL-ISL9301 Datasheet
195Kb / 12P
High Input Voltage Charger With Power Path Management
February 25, 2008
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Intersil Corporation
ISL9301IRZ INTERSIL-ISL9301IRZ Datasheet
386Kb / 12P
High Input Voltage Charger With Power Path Management
September 21, 2011
logo
ACE Technology Co., LTD...
ACE4102E ACE-ACE4102E Datasheet
632Kb / 9P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
logo
Renesas Technology Corp
ISL9301 RENESAS-ISL9301 Datasheet
571Kb / 12P
High Input Voltage Charger With Power Path Management
logo
ETA SOLUTIONS CO. LIMIT...
ETA6003 ETA-ETA6003 Datasheet
187Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA6002 ETA-ETA6002 Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
ETA6005 ETA-ETA6005 Datasheet
186Kb / 1P
2.5A / 4.35V, 3MHz Switching Charger with Dynamic Power Path Management
ETA6102 ETA-ETA6102 Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com