전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ETA6005 데이터시트(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

부품명 ETA6005
상세설명  2.5A / 4.35V, 3MHz Switching Charger with Dynamic Power Path Management
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETA [ETA SOLUTIONS CO. LIMITED]
홈페이지  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA6005 데이터시트(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA6005 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA6005
www.ETAsolution.com
Outperform with Efficiency
1
2.5A / 4.35V, 3MHz Switching Charger with Dynamic Power Path Management
DESCRIPTION
ETA6005 is a switching Li-Ion battery charger with dynamic power-path control and input current limiting.
When a battery is connected, depending on the battery voltage, the DC-DC switching regulator either pre-conditions, fast-charges the battery
or just regulates a system voltage (VSYS) to a preset voltage. It does not require an external sense resistor for current sensing. The fast-
charging current is determined by programming ISET1 or ISET2 pin, depending on the state of the USB_DET. If USB_DET is high, indicating n
valid USB inputis present, the fastcharge currentis setbyISET2; otherwise, itis setbyISET1. When the battery voltage reaches the termination
voltage i.e. 4.35V, the charging path disconnects SYS to BATT. The ETA6005 also includes a dynamic power path when the SYS load current
exceeds current limit of the DCDC regulator internally set, the SYS voltage falls below VBATT, ETA6005 turns on the power-path to supplement
the system load through the battery.
FEATURES
Switching Charger with Power Path Management
Up to 95% DC-DC Efficiency
50mΩ Power Path MOSFET
Up to 2.5A Max charging current
4.35V charging termination voltage
Instant on with a dead Battery or no Battery
No battery detection
No External Sense resistor
Programmable USB and AC IN Charging Current
APPLICATIONS
Tablet, MID
Smart Phone
Power Bank
ORDERING INFORMATION
PART
PACKAGE PIN TOP MARK
ETA6005Q3Q-T
QFN3X3-16
ETA+42
TYPICAL APPLICATION
2A Switching Charger with Dynamic Power Path
SYS
SW
PGND
IN
BATT
NTC
ISET1
ISET2
USB_DET
ENB
SYS
SYSTEM
LOAD
2.2uH
2.2K
2K
Ω
500
Ω
5V INPUT
22uF
10uF
1uF


유사한 부품 번호 - ETA6005

제조업체부품명데이터시트상세설명
logo
ETA SOLUTIONS CO. LIMIT...
ETA6002 ETA-ETA6002 Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
ETA6002E8A ETA-ETA6002E8A Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
ETA6003 ETA-ETA6003 Datasheet
187Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA6003Q3Q ETA-ETA6003Q3Q Datasheet
187Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
More results

유사한 설명 - ETA6005

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL9301 INTERSIL-ISL9301 Datasheet
195Kb / 12P
High Input Voltage Charger With Power Path Management
February 25, 2008
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Intersil Corporation
ISL9301IRZ INTERSIL-ISL9301IRZ Datasheet
386Kb / 12P
High Input Voltage Charger With Power Path Management
September 21, 2011
logo
ACE Technology Co., LTD...
ACE4102E ACE-ACE4102E Datasheet
632Kb / 9P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
logo
Renesas Technology Corp
ISL9301 RENESAS-ISL9301 Datasheet
571Kb / 12P
High Input Voltage Charger With Power Path Management
logo
ETA SOLUTIONS CO. LIMIT...
ETA6003 ETA-ETA6003 Datasheet
187Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA1918S ETA-ETA1918S Datasheet
185Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA6002 ETA-ETA6002 Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
ETA6102 ETA-ETA6102 Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com