전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ETA6102 데이터시트(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

부품명 ETA6102
상세설명  2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETA [ETA SOLUTIONS CO. LIMITED]
홈페이지  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA6102 데이터시트(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA6102 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA6102
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
DESCRIPTION
ETA6102 is a switching Li-Ion battery charger with dynamic
power-path control and input current limiting.
When a battery is connected, depending on the battery voltage,
the DC-DC switching regulator either pre-conditions, fast-
charges the battery or just regulates a system voltage (VSYS) to
a preset voltage. It does not require an external sense resistor
for current sensing. The fast-charging current is determined by
programming ISET pin. When the battery voltage reaches the
termination voltage i.e. 4.35V, the charging path disconnects SYS
to BATT. The ETA6102 also includes a dynamic power path when
the SYS load current exceeds current limit of the DCDC regulator
internally set, the SYS voltage falls below VBATT, ETA6102 turns on
the power-path to supplement the system load through the
battery.
FEATURES
Switching Charger with Power Path Management
Up to 95% DC-DC Efficiency
50mΩ Power Path MOSFET
Up to 2.5A Max charging current
Instant on with a dead Battery or no Battery
No battery detection
No External Sense resistor
Programmable Charging Current
APPLICATIONS
Tablet, MID
Smart Phone
Power Bank
ORDERING INFORMATION
PART
PACKAGE PIN TOP MARK
ETA6102E8A
ESOP-8
ETA6102
YWWPL
TYPICAL APPLICATION
2A Switching Charger with Minimum Component Count
SYS
SW
IN
BATT
NTC
ISET
SYS
2.2uH
2.2K
500
Ω
22uF
10uF
1uF
AC_IN
STAT


유사한 부품 번호 - ETA6102

제조업체부품명데이터시트상세설명
logo
ETA SOLUTIONS CO. LIMIT...
ETA6121 ETA-ETA6121 Datasheet
291Kb / 1P
Over-Voltage Protection Load Switch
ETA6121CSM ETA-ETA6121CSM Datasheet
291Kb / 1P
Over-Voltage Protection Load Switch
ETA6122 ETA-ETA6122 Datasheet
276Kb / 1P
6-Pin CSP 30V Over-Voltage-Protection IC
ETA6122CSG ETA-ETA6122CSG Datasheet
276Kb / 1P
6-Pin CSP 30V Over-Voltage-Protection IC
More results

유사한 설명 - ETA6102

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
logo
ACE Technology Co., LTD...
ACE4102E ACE-ACE4102E Datasheet
632Kb / 9P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA6003 ETA-ETA6003 Datasheet
187Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA1918S ETA-ETA1918S Datasheet
185Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA6002 ETA-ETA6002 Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
ETA6005 ETA-ETA6005 Datasheet
186Kb / 1P
2.5A / 4.35V, 3MHz Switching Charger with Dynamic Power Path Management
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com