전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC32ATTR 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 74LVC32ATTR
상세설명  LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE HIGH PERFORMANCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC32ATTR 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button 74LVC32ATTR Datasheet HTML 3Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 4Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 5Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 6Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 7Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 8Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 9Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 10Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
74LVC32A
7/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.9
5
5.1
0.193
0.197
0.201
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0˚
8˚
0˚
8˚
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP14 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0080337D



Html Pages

1 2 3 4 5 6 7 8 9 10 11