전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MK5811A 데이터시트(PDF) 7 Page - Integrated Circuit Systems

부품명 MK5811A
상세설명  Low EMI Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK5811A 데이터시트(HTML) 7 Page - Integrated Circuit Systems

  MK5811A Datasheet HTML 1Page - Integrated Circuit Systems MK5811A Datasheet HTML 2Page - Integrated Circuit Systems MK5811A Datasheet HTML 3Page - Integrated Circuit Systems MK5811A Datasheet HTML 4Page - Integrated Circuit Systems MK5811A Datasheet HTML 5Page - Integrated Circuit Systems MK5811A Datasheet HTML 6Page - Integrated Circuit Systems MK5811A Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Low EMI Clock Generator
MDS 5811A A
7
Revision 091205
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
MK5811A
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS
compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Inc. (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
MK5811AS
5811AS
Tubes
8-pin SOIC
0 to +85
° C
MK5811ASTR
5811AS
Tape and Reel
8-pin SOIC
0 to +85
° C
MK5811ASLF
5811ASL
Tubes
8-pin SOIC
0 to +85
° C
MK5811ASLFTR
5811ASL
Tape and Reel
8-pin SOIC
0 to +85
° C



Html Pages

1 2 3 4 5 6 7