전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT28F256T-45PPC 데이터시트(PDF) 5 Page - Aeroflex Circuit Technology

부품명 UT28F256T-45PPC
상세설명  Radiation-Hardened 32K x 8 PROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT28F256T-45PPC 데이터시트(HTML) 5 Page - Aeroflex Circuit Technology

  UT28F256T-45PPC Datasheet HTML 1Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
RADIATION HARDNESS
The UT28F256 PROM incorporates special design and layout
features which allow operation in high-level radiation
environments. UTMC has developed special low-temperature
processing techniques designed to enhance the total-dose
radiation hardness of both the gate oxide and the field oxide while
maintaining the circuit density and reliability. For transient
radiation hardness and latchup immunity, UTMC builds all
radiation-hardened products on epitaxial wafers using an
advanced twin-tub CMOS process. In addition, UTMC pays
special attention to power and ground distribution during the
design phase, minimizing dose-rate upset caused by rail collapse.
RADIATION HARDNESS DESIGN SPECIFICATIONS 1
Note:
1. The PROM will not latchup during radiation exposure under recommended operating conditions.
Figure 2. PROM Read Cycle
tAVAV
tAVQV
t
ELQV
tGLQV
t
AVQV
t
AXQX
tEHQZ
tGHQZ
A(14:0)
CE
OE
DQ(7:0)
tGLQX
tELQX
Total Dose
1E6
rad(Si)
Latchup LET Threshold
>128
MeV-cm
2/mg
Memory Cell LET Threshold
>128
MeV-cm2/mg
Transient Upset LET Threshold
54
MeV-cm2/mg
Transient Upset Device Cross Section @ LET=128 MeV-cm2/mg
1E-6
cm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11