| 전자부품 데이터시트 검색엔진 |
|
M28W640FSB70ZA6F 데이터시트(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W640FSB70ZA6F 데이터시트(HTML) 12 Page - STMicroelectronics |
|
12 / 55 page ![]() M28W320FST, M28W320FSB, M28W640FST, M28W640FSB 12/55 HARDWARE PROTECTION All devices feature hardware protection. Refer to SIGNAL DESCRIPTIONS section for a detailed description of these signals. VPP ≤VPPLK. The VPP pin protects all the blocks. Refer to SIGNAL DESCRIPTIONS section for a detailed description of these signals. SECURITY FEATURES The M28W320FS and M28W640FS are equipped with KRYPTO Security features performing soft- ware protection. They allow any block to be pro- tected from program/erase or read operations: ■ Modify Protection including Volatile Block Lock/Unlock, Non-Volatile Block Modify Protection, Non-Volatile Password Modify Protection and Irreversible Protection. ■ Read Protection. The KRYPTO features (Modify Protection mode, Read Protection mode and Device Authentication mechanism) are not described in this Datasheet. For further details concerning these additional pro- tection modes please contact ST Sales Offices. The devices also feature a 64 bit Unique Device Identifier and a 128 bit user-programmable OTP segment (see Figure 7., Protection Register Mem- ory Map and Protection Register Program Com- mand). |