| 전자부품 데이터시트 검색엔진 |
|
GPL10B 데이터시트(PDF) 18 Page - Generalplus Technology Inc. |
|
|
|||||||||||||||||||||||||||||
GPL10B 데이터시트(HTML) 18 Page - Generalplus Technology Inc. |
|
18 / 23 page ![]() GPL10B © Generalplus Technology Inc. Proprietary & Confidential 18 May 29, 2014 Version: 1.5 8. APPLICATION CIRCUITS 8.1. GPL10B Application Circuit IOEF1 AUD X32I X32O IOCD0 IOCD1 IOCD2 IOCD3 RESET ROSC TEST IOEF0 SEG21 SEG20 SEG19 SEG18 SEG17 SEG16 SEG15 SEG14 SEG13 SEG12 SEG11 SEG10 SEG9 VDD Note:1. The capacitor values for crystal are for design guidance only. Different capacitor values (10-22pF) may be required for different crystal/ resonator used. 2. For crystal : a. Quartz crystal characteristics vary according to type, package and manufacturer. The user should consult the manufacturer data sheets for specifications and recommended application. b. This is the allowable frequency plus and minus deviation over a specified temperature range. It is specified in parts per million (PPM) referenced to the measured frequency at +25 degrees C. c. Temperature range refers to the operating temperature range. Do not confuse this with temperature stability. Temperature stability depends on the application of the product. If a wide temperature stability is required, it should be communicated to the crystal manufacturer. |