전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L604C 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 L604C
상세설명  DARLINGTON ARRAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L604C 데이터시트(HTML) 3 Page - STMicroelectronics

  L604C Datasheet HTML 1Page - STMicroelectronics L604C Datasheet HTML 2Page - STMicroelectronics L604C Datasheet HTML 3Page - STMicroelectronics L604C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
L603 - L604
DIP18
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.46
0.018
b1
0.25
0.010
D
23.24
0.915
E
8.5
0.335
e
2.54
0.100
e3
20.32
0.800
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.27
1.59
0.050
0.063
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4