전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GTVA212701FA-V2-R0 데이터시트(PDF) 5 Page - Cree, Inc

부품명 GTVA212701FA-V2-R0
상세설명  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 ??2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

GTVA212701FA-V2-R0 데이터시트(HTML) 5 Page - Cree, Inc

  GTVA212701FA-V2-R0 Datasheet HTML 1Page - Cree, Inc GTVA212701FA-V2-R0 Datasheet HTML 2Page - Cree, Inc GTVA212701FA-V2-R0 Datasheet HTML 3Page - Cree, Inc GTVA212701FA-V2-R0 Datasheet HTML 4Page - Cree, Inc GTVA212701FA-V2-R0 Datasheet HTML 5Page - Cree, Inc GTVA212701FA-V2-R0 Datasheet HTML 6Page - Cree, Inc GTVA212701FA-V2-R0 Datasheet HTML 7Page - Cree, Inc GTVA212701FA-V2-R0 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04.1, 2019-01-28
5
GTVA212701FA
Reference Circuit tuned for 2110 to 2200 MHz
DUT
GTVA212701FA V2
Reference Circuit Part No.
LTN/GTVA212701FA-V2
PCB
Rogers 4350, 0.508 mm [.020"] thick, 2 oz. copper, εr = 3.66
Find Gerber files for this reference circuit on the Wolfspeed Web site at
http://www.wolfspeed.com/RF
RF_IN
RF_OUT
g t v a 2 1 2 7 0 1 f a _ C D _ 0 3 - 2 3 - 1 7 - b n
GTVA212701FA_OUT_03
GTVA212701FA_IN_03
RO4350, 20 MIL (291)
RO4350, 20 MIL (291)
C109
C104
C102
C108
R103
C107
C103
R101
C106
C105
C110
R102
C101
C206
C204
C201
C205
C207
C208
C209
C202
C203
VDD
VGG
Reference circuit assembly diagram (not to scale)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com