전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RClamp0551P.TST 데이터시트(PDF) 4 Page - Semtech Corporation

부품명 RClamp0551P.TST
상세설명  Ultra-Low Capacitance 1-Line, 5V ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RClamp0551P.TST 데이터시트(HTML) 4 Page - Semtech Corporation

  RClamp0551P.TST Datasheet HTML 1Page - Semtech Corporation RClamp0551P.TST Datasheet HTML 2Page - Semtech Corporation RClamp0551P.TST Datasheet HTML 3Page - Semtech Corporation RClamp0551P.TST Datasheet HTML 4Page - Semtech Corporation RClamp0551P.TST Datasheet HTML 5Page - Semtech Corporation RClamp0551P.TST Datasheet HTML 6Page - Semtech Corporation RClamp0551P.TST Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
© 2015 Semtech Corporation
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
RClamp0551P
Applications Information
Device Connection Options
These low capacitance TVS diodes are designed to
provide common mode protection for one high-speed
line or differential protection for one line pair. The
device is bidirectional and may be used on lines where
the signal polarity is positive and negative.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of ESD induced transients. The following guidelines are
recommended:
Place the TVS near the input terminals or connec-
tors to restrict transient coupling.
Minimize the path length between the TVS and the
protected line.
Minimize all conductive loops including power and
ground loops.
The ESD transient return path to ground should be
kept as short as possible.
Never run critical signals near board edges.
Use ground planes whenever possible.
Equivalent Circuit Diagram



Html Pages

1 2 3 4 5 6 7