| 전자부품 데이터시트 검색엔진 |
|
M48T08 데이터시트(PDF) 21 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
|
|||||||||||||||||||||||||||||
M48T08 데이터시트(HTML) 21 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
21 / 27 page ![]() 21/27 M48T08, M48T08Y, M48T18 PACKAGE MECHANICAL INFORMATION Figure 15. PCDIP28 – 28-pin Plastic DIP, battery CAPHAT, Package Outline Note: Drawing is not to scale. Table 12. PCDIP28 – 28-pin Plastic DIP, battery CAPHAT, Package Mechanical Data Symb mm inches Typ Min Max Typ Min Max A 8.89 9.65 0.350 0.380 A1 0.38 0.76 0.015 0.030 A2 8.38 8.89 0.330 0.350 B 0.38 0.53 0.015 0.021 B1 1.14 1.78 0.045 0.070 C 0.20 0.31 0.008 0.012 D 39.37 39.88 1.550 1.570 E 17.83 18.34 0.702 0.722 e1 2.29 2.79 0.090 0.110 e3 29.72 36.32 1.170 1.430 eA 15.24 16.00 0.600 0.630 L 3.05 3.81 0.120 0.150 N 28 28 PCDIP A2 A1 A L B1 B e1 D E N 1 C eA e3 |