전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M48T86PC1F 데이터시트(PDF) 12 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

부품명 M48T86PC1F
상세설명  5.0V PC Real-Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
홈페이지  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

M48T86PC1F 데이터시트(HTML) 12 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button M48T86PC1F Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 16Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
M48T86
12/29
Table 3. Time, Calendar, and Alarm Formats
Interrupts
The RTC plus RAM includes three separate, fully
automatic sources of interrupt (alarm, periodic, up-
date-in-progress) available to a processor. The
alarm interrupt can be programmed to occur at
rates from once per second to once per day. The
periodic interrupt can be selected from rates of
500ms to 122µs. The update-ended interrupt can
be used to indicate that an update cycle has com-
pleted.
The processor program can select which inter-
rupts, if any, are going to be used. Three bits in
Register B enable the interrupts. Writing a logic '1'
to an interrupt-enable bit (Register B; Bit 6 = PIE;
Bit 5 = AIE; Bit 4 = UIE) permits an interrupt to be
initialized when the event occurs. A '0' in an inter-
rupt-enable bit prohibits the IRQ pin from being as-
serted from that interrupt condition. If an interrupt
flag is already set when an interrupt is enabled,
IRQ is immediately set at an active level, although
the interrupt initiating the event may have occurred
much earlier. As a result, there are cases where
the program should clear such earlier initiated in-
terrupts before first enabling new interrupts.
When an interrupt event occurs, the related flag bit
(Register C; Bit 6 = PF; Bit 5 = AF; Bit 4 = UF) is
set to a logic '1.' These flag bits are set indepen-
dent of the state of the corresponding enable bit in
Register B and can be used in a polling mode with-
out enabling the corresponding enable bits. The
interrupt flag bits are status bits which software
can interrogate as necessary.
When a flag is set, an indication is given to soft-
ware that an interrupt event has occurred since the
flag bit was last read; however, care should be tak-
en when using the flag bits as all are cleared each
time Register C is read. Double latching is includ-
ed with Register C so that bits which are set re-
main stable throughout the READ cycle. All bits
which are set high are cleared when read. Any
new interrupts which are pending during the READ
cycle are held until after the cycle is completed.
One, two, or three bits can be set when reading
Register C. Each utilized flag bit should be exam-
ined when read to ensure that no interrupts are
lost.
The second flag bit usage method is with fully en-
abled interrupts. When an interrupt flag bit is set
and the corresponding enable bit is also set, the
IRQ pin is asserted low. IRQ is asserted as long as
at least one of the three interrupt sources has its
flag and enable bits both set. The IRQF Bit (Reg-
ister C; Bit 7) is a '1' whenever the IRQ pin is being
driven low. Determination that the RTC initiated an
interrupt is accomplished by reading Register C. A
logic '1' in the IRQF Bit indicates that one or more
interrupts have been initiated by the M48T86. The
act of reading Register C clears all active flag bits
and the IRQF Bit.
Address
RTC Bytes
Range
Decimal
Binary
BCD
0
Seconds
0-59
00-3B
00-59
1
Seconds Alarm
0-59
00-3B
00-59
2
Minutes
0-59
00-3B
00-59
3
Minutes Alarm
0-59
00-3B
00-59
4
Hours, 12-hrs
1-12
01-0C AM
81-8C PM
01-12 AM
81-92 PM
Hours, 24-hrs
0-23
00-17
00-23
5
Hours Alarm, 12-hrs
1-12
01-0C AM
81-8C PM
01-12 AM
81-92 PM
Hours Alarm, 24-hrs
0-23
00-17
00-23
6
Day of Week (1 = Sun)
1-7
01-07
01-07
7
Day of Month
1-31
01-1F
01-31
8
Month
1-12
01-0C
01-12
9
Year
0-99
00-63
00-99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29