| 전자부품 데이터시트 검색엔진 |
|
GPBA01B 데이터시트(PDF) 7 Page - Generalplus Technology Inc. |
|
|
|||||||||||||||||||||||||||||
GPBA01B 데이터시트(HTML) 7 Page - Generalplus Technology Inc. |
|
7 / 29 page ![]() GPBA01B © Generalplus Technology Inc. Proprietary & Confidential 7 MAY 28, 2007 Version: 1.1 6.3. Example on Address Mapping 1. CI=0 2. CI=1 3. %MOV P_0DH_BMIVolumeID,#%00000001 4. %MOV P_23H_BEXConfig,#%1100-0000 ; set CFG=6(B[7:5]), three 1MB memory enable 5. %MOV P_00H_BankSelect,#%1010-0000 ; select MEM1’s bank0,(i.e. CE1 will active when access) 6. %MOV 0x8000, 0x1111 ; write 0x1111 to MEM0[0x00000] 7. %MOV 0xBFFF, 0x2222 ; write 0x2222 to MEM0[0x03fff] 8. %MOV 0x4000, 0x3333 ; write 0x3333 to MEM0[0x04000] 9. %MOV 0x7fff, 0x4444 ; write 0x4444 to MEM0[0x7ffff] 10.%MOV P_00H_BankSelect,#%1010-0001 ; select MEM1’s bank1 11.%MOV 0x8000, 0x5555 ; write 0x5555 to MEM0[0x08000] 12.%MOV 0xBFFF, 0x6666 ; write 0x6666 to MEM0[0x0bfff] 13.%MOV 0x4000, 0x7777 ; write 0x7777 to MEM0[0x0c000] 14.%MOV 0x7fff, 0x8888 ; write 0x8888 to MEM0[0xfffff] After consecutive 8 write ADDRESS DATA Memo 00000H 1111H BANK0, 32KB per bank … … 03FFFH 2222H 04000H 3333H … … 07FFFH 4444H 08000H 5555H BANK1 … … 0BFFFH 6666H 0C000H 7777H … … 0FFFFH 8888H 10000H … BANK2 … … … 6.4. Address Mapping on a System Bus extender usually use $4000~$BFFF for memory extension, while $0000~003f for register setting. Each bank are 32K bytes, $8000H~$BFFFH are mapped to $0000H~$3FFFH; $4000H~$7FFFH are mapped to $4000H~7FFFH. ROM (16KB) (Bank)H I/O $0000-$003F $2000-$3FFF $4000-$7FFF $8000-$BFFF $C000-$FFF9 $FFFA-$FFFF CPU View $00000-$03FFF $04000-$07FFF $08000-$0BFFF $0C000-$0FFFF $10000-$13FFF 0H 0L 1H 1L $14000-$17FFF 2H 2L ROM View 3L 3H $C000-$FFFF always mapping into 0L 0 1 2 n n . . . 0L $0040-$03FF ROM (16KB) (Bank)L ROM (16KB) Ext. RAM (8KB) RAM Interrupt Sensor Buffer $0C00-$1FFF RAM $0800-$084F |