전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GPUSB101A 데이터시트(PDF) 28 Page - Generalplus Technology Inc.

부품명 GPUSB101A
상세설명  USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENERALPLUS [Generalplus Technology Inc.]
홈페이지  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPUSB101A 데이터시트(HTML) 28 Page - Generalplus Technology Inc.

Back Button GPUSB101A Datasheet HTML 24Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 25Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 26Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 27Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 28Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 29Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 30Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 31Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 32Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
GPUSB101A
© Generalplus Technology Inc.
Proprietary & Confidential
28
Sep 24, 2014
Version: 1.4
10.4.7. Reserved write
Command Block Wrapper 15th byte-30th byte
Byte Bit
7
6
5
4
3
2
1
0
0
1
EX XX
2
3
4
5
(MSB)
Reserved
6
7
8
(MSB)
Reserved
9
10
11
Operation Code
Function
Comment
0xEX XX
Reserved write
*CBW Byte 15: 0xEX
*CBW Byte 16: 0xXX
*CBW Byte 29-30: GP Tag
Example:
1. Application: PC + GPUSB101A + GPF8
2. PC issue customer command 0xE000 to GPF8
3. *CBW Byte 15 = 0xE0 & *CBW Byte 16 = 0x00,
4. GPUSB101A will transfer two bytes data 0xE0, 0x00 to GPF8, and then continue transfer N bytes data to GPF8. N = CBW Byte 8-11
dCBWDataTransferLength:
10.4.8. Reserved Read
Command Block Wrapper 15th byte-30th byte
Byte Bit
7
6
5
4
3
2
1
0
0
1
DX XX
2
3
4
5
(MSB)
Reserved
6
7
8
(MSB)
Reserved
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37