| 전자부품 데이터시트 검색엔진 |
|
ALS31313 데이터시트(PDF) 22 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ALS31313 데이터시트(HTML) 22 Page - Allegro MicroSystems |
|
22 / 25 page ![]() Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management ALS31313 22 Allegro MicroSystems, LLC 955 Perimeter Road Manchester, NH 03103-3353 U.S.A. www.allegromicro.com I2C Addressing The default I2C address for the ALS31313, in the case where VA0 and VA1 are set to VCC, is given by binary 110111[0/1], where the last bit determines a read or write instruction. Note: Different values for the three MSBs of the address bits (A6, A5, and A4) are avail- able for factory programming if a conflict with other units occurs in the application design. Table 19: I2C Slave Address Decoding Voltage on AD1, VA1 (× VCC) Voltage on AD0, VA0 (× VCC) 4-Bit Code from ADR1 and ADR0 Voltages Slave Address Bits Slave Address E3 E2 E1 E0 A6 A5 A4 A3 A2 A1 A0 0 0 0 0 0 0 1 1 0 0 0 0 0 96 0.33 0 0 0 1 1 1 0 0 0 0 1 97 0.67 0 0 1 0 1 1 0 0 0 1 0 98 1 0 0 1 1 1 1 0 0 0 1 1 99 0.33 0 0 1 0 0 1 1 0 0 1 0 0 100 0.33 0 1 0 1 1 1 0 0 1 0 1 101 0.67 0 1 1 0 1 1 0 0 1 1 0 102 1 0 1 1 1 1 1 0 0 1 1 1 103 0.67 0 1 0 0 0 1 1 0 1 0 0 0 104 0.33 1 0 0 1 1 1 0 1 0 0 1 105 0.67 1 0 1 0 1 1 0 1 0 1 0 106 1 1 0 1 1 1 1 0 1 0 1 1 107 1 0 1 1 0 0 1 1 0 1 1 0 0 108 0.33 1 1 0 1 1 1 0 1 1 0 1 109 0.67 1 1 1 0 1 1 0 1 1 1 0 110 1 1 1 1 1 x x x x x x x Programmable: 0-127, using 7-bit EEPROM field. Set to 111 at factory. |