전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XIO2000AI 데이터시트(PDF) 24 Page - Texas Instruments

부품명 XIO2000AI
상세설명  PCI Express to PCI Bus Translation Bridge
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2000AI 데이터시트(HTML) 24 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 20Page - Texas Instruments XIO2000AI Datasheet HTML 21Page - Texas Instruments XIO2000AI Datasheet HTML 22Page - Texas Instruments XIO2000AI Datasheet HTML 23Page - Texas Instruments XIO2000AI Datasheet HTML 24Page - Texas Instruments XIO2000AI Datasheet HTML 25Page - Texas Instruments XIO2000AI Datasheet HTML 26Page - Texas Instruments XIO2000AI Datasheet HTML 27Page - Texas Instruments XIO2000AI Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 160 page
background image
Introduction
15
April 2007 Revised October 2008
SCPS155C
Table 2−4. XIO2000A/XIO2000AI Signal Names Sorted Alphabetically (Continued)
SIGNAL NAME
GZZ/ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
SIGNAL NAME
GZZ/ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
REQ4
B12
B11
A11
VDD_15_COMB
M17
K13
K13
REQ5
B13
B12
A12
VDD_33
C06
D04
D04
RSVD
D16
D12
D13
VDD_33
C13
D06
D05
RSVD
D17
D14
D14
VDD_33
D10
D10
D09
RSVD
N15
K12
L07
VDD_33
E03
F04
F04
RSVD
N16
L07
L10
VDD_33
H04
F09
F09
RSVD
P16
L12
L14
VDD_33
M03
J06
J06
RSVD
P17
M07
M14
VDD_33
P09
J07
J07
RSVD
R08
M10
M06
VDD_33
P10
L04
K04
RSVD
R09
M11
P07
VDD_33
P11
L08
L08
RSVD
R16
M13
N14
VDD_33
R05
L09
M09
RSVD
T08
N06
M12
VDD_33
R14
L10
M10
RSVD
T09
N07
M07
VDD_33
T13
P12
M11
RSVD
T10
N08
M13
VDD_33_AUX
K14
J14
J12
RSVD
T11
N09
N06
VDD_33_COMB
K16
H12
H14
RSVD
T12
N10
N08
VDD_33_COMBIO
L14
J12
K12
RSVD
T14
N11
N09
VDDA_15
F17
D13
E11
RSVD
T15
N12
N10
VDDA_15
G15
E11
F12
RSVD
T17
N14
N11
VDDA_15
J14
H11
H11
RSVD
U09
P05
P06
VDDA_15
J15
H13
H13
RSVD
U10
P06
N07
VDDA_33
D15
C13
C12
RSVD
U11
P07
P08
VDDA_33
K15
J11
J11
RSVD
U12
P08
P09
VSS
C05
F06
F06
RSVD
U13
P09
P10
VSS
C14
F07
F07
RSVD
U14
P10
P11
VSS
D03
F08
F08
RSVD
U15
P13
P12
VSS
D08
F13
F13
RSVD
U16
P14
P14
VSS
D11
G06
G06
RXN
E16
E14
E13
VSS
G04
G07
G07
RXP
E17
E13
E14
VSS
G17
G08
G08
SERIRQ
T04
N03
N03
VSS
K04
G09
G09
SERR
E01
E03
D01
VSS
K17
H06
H06
STOP
F02
D02
E03
VSS
N03
H07
H07
TRDY
G03
F03
E01
VSS
P08
H08
H08
TXN
H16
G13
G13
VSS
R04
H09
H09
TXP
H17
G14
G14
VSS
R06
J08
J08
VCCP
A04
B04
A04
VSS
R10
J09
J09
VCCP
J01
G02
G01
VSS
R11
M08
L09
VDD_15
D09
D08
D08
VSS
R12
M09
L11
VDD_15
H14
F14
F14
VSS
R13
M12
M08
VDD_15
J04
G04
G04
VSS
R17
P11
N13
VDD_15
P07
L05
L05
VSS
G07
VDD_15
P15
N13
N12
VSS
G08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More