| 전자부품 데이터시트 검색엔진 |
|
GD5F2GQ4RFZFG 데이터시트(PDF) 35 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F2GQ4RFZFG 데이터시트(HTML) 35 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
35 / 46 page ![]() SPI(x1/x2/x4) NAND Flash 2G 35 15 POWER ON TIMING Figure15-1. Power on Timing Sequence Vcc(max) Vcc(min) VWI tVSL Chip Selection is not allowed Device is fully accessible Time Table15-1. Power-On Timing and Write Inhibit Threshold for 1.8V/3.3V Symbol Parameter Min Max Unit tVSL VCC(min) To CS# Low 5 ms VWI Write Inhibit Voltage 1.8V 1.7 V 3.3V 2.5 |