| 전자부품 데이터시트 검색엔진 |
|
GD25B256DFIR 데이터시트(PDF) 47 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25B256DFIR 데이터시트(HTML) 47 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
47 / 82 page ![]() 3.3V Uniform Sector Dual and Quad Serial Flash GD25B256D 47 7.21. Deep Power-Down (DP) (B9H) Executing the Deep Power-Down (DP) command is the only way to put the device in the lowest consumption mode (the Deep Power-Down Mode). It can also be used as an extra software protection mechanism, while the device is not in active use, since in this mode, the device ignores all Write, Program and Erase commands. Driving CS# high deselects the device, and puts the device in the Standby Mode (if there is no internal cycle currently in progress). But this mode is not the Deep Power-Down Mode. The Deep Power-Down Mode can only be entered by executing the Deep Power-Down (DP) command. Once the device has entered the Deep Power-Down Mode, all commands are ignored except the Release from Deep Power-Down and Read Device ID (RDI) command or software reset command. The Release from Deep Power-Down and Read Device ID (RDI) command releases the device from Deep Power-Down mode , also allows the Device ID of the device to be output on SO. The Deep Power-Down Mode automatically stops at Power-Down, and the device always in the Standby Mode after Power-Up. The Deep Power-Down command sequence: CS# goes low sending Deep Power-Down command CS# goes high. CS# must be driven high after the eighth bit of the command code has been latched in; otherwise the Deep Power- Down (DP) command is not executed. As soon as CS# is driven high, it requires a delay of tDP before the supply current is reduced to ICC2 and the Deep Power-Down Mode is entered. Any Deep Power-Down (DP) command, while an Erase, Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in progress. Figure 51 Deep Power-Down Sequence Diagram Command 0 1 2 3 4 5 6 7 B9H CS# SCLK SI tDP Stand-by mode Deep Power-down mode |