| 전자부품 데이터시트 검색엔진 |
|
GD25LE20CSJG 데이터시트(PDF) 67 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE20CSJG 데이터시트(HTML) 67 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
67 / 75 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE40C/20C/10C/05C 67 10.3 Package VSOP8 150MIL D E E1 A A2 A1 b e “A” L1 L θ b c Base Metal Detail “A” 1 4 8 5 Dimensions Symbol A A1 A2 b c D E E1 e L L1 θ Unit mm Min - 0.05 0.63 0.31 0.13 4.80 5.80 3.80 1.27 0.40 1.04 0° Nom - 0.10 - 0.41 0.15 4.90 6.00 3.90 - - Max 0.90 0.15 0.75 0.51 0.18 5.00 6.20 4.00 0.90 10° Note: 1. Both the package length and width do not include the mold flash. 2. Seating plane: Max. 0.1mm. |