| 전자부품 데이터시트 검색엔진 |
|
GD25LQ64CQFS 데이터시트(PDF) 68 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LQ64CQFS 데이터시트(HTML) 68 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
68 / 77 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LQ64C 68 9. ORDERING INFORMATION *Please contact GigaDevice sales for automotive products. Packing T or no mark: Tube Y: Tray R: Tape and Reel Green Code G: Pb Free + Halogen Free Green Package S: Pb Free + Halogen Free Green Package + SRP1 Function Temperature Range I: Industrial (-40 ℃ to +85℃) J: Industrial (-40 ℃ to +105℃) E: Industrial (-40 ℃ to +125℃) F: Industrial+ (-40 ℃ to +85℃) 3: Automotive (-40 ℃ to +85℃)* 2: Automotive (-40 ℃ to +105℃)* A: Automotive (-40 ℃ to +125℃)* Package Type S: SOP8 208mil V: VSOP8 208mil Q: USON8 (4x4mm, 0.45mm thickness) W: WSON8 (6x5mm) Generation C: C Version Density 64: 64M bit Series LQ: 1.8V, 4KB Uniform Sector Product Family 25: SPI Interface Flash X X X GD XX XX XX X X |