| 전자부품 데이터시트 검색엔진 |
|
GD25LE20CEJG 데이터시트(PDF) 46 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE20CEJG 데이터시트(HTML) 46 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
46 / 75 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE40C/20C/10C/05C 46 Table7. Parameter Table (0): JEDEC Flash Parameter Tables Description Comment Add(H) (Byte) DW Add (Bit) Data Data Block/Sector Erase Size 00: Reserved; 01: 4KB erase; 10: Reserved; 11: not support 4KB erase 30H 01:00 01b E5H Write Granularity 0: 1Byte, 1: 64Byte or larger 02 1b Write Enable Instruction Requested for Writing to Volatile Status Registers 0: Nonvolatile status bit 1: Volatile status bit (BP status register bit) 03 0b Write Enable Opcode Select for Writing to Volatile Status Registers 0: Use 50H Opcode, 1: Use 06H Opcode, Note: If target flash status register is Nonvolatile, then bits 3 and 4 must be set to 00b. 04 0b Unused Contains 111b and can never be changed 07:05 111b 4KB Erase Opcode 31H 15:08 20H 20H (1-1-2) Fast Read 0=Not support, 1=Support 32H 16 1b F1H Address Bytes Number used in addressing flash array 00: 3Byte only, 01: 3 or 4Byte, 10: 4Byte only, 11: Reserved 18:17 00b Double Transfer Rate (DTR) clocking 0=Not support, 1=Support 19 0b (1-2-2) Fast Read 0=Not support, 1=Support 20 1b (1-4-4) Fast Read 0=Not support, 1=Support 21 1b (1-1-4) Fast Read 0=Not support, 1=Support 22 1b Unused 23 1b Unused 33H 31:24 FFH FFH Flash Memory Density 37H:34H 31:00 003FFFFFH(4Mb) 001FFFFFH(2Mb) 000FFFFFH(1Mb) 0007FFFFH(512Kb) (1-4-4) Fast Read Number of Wait states 0 0000b: Wait states (Dummy Clocks) not support 38H 04:00 00100b 44H (1-4-4) Fast Read Number of Mode Bits 000b:Mode Bits not support 07:05 010b (1-4-4) Fast Read Opcode 39H 15:08 EBH EBH (1-1-4) Fast Read Number of Wait states 0 0000b: Wait states (Dummy Clocks) not support 3AH 20:16 01000b 08H (1-1-4) Fast Read Number of Mode Bits 000b:Mode Bits not support 23:21 000b (1-1-4) Fast Read Opcode 3BH 31:24 6BH 6BH |