전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IP178G 데이터시트(PDF) 63 Page - List of Unclassifed Manufacturers

부품명 IP178G
상세설명  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G 데이터시트(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 59Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 60Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 61Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 62Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 63Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 64Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 65Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 66Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
IP178G
Data Sheet
63 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
PHY
MII
R/W
Description
Default
2[11:0]
R/W
WAKE_TIME_P0
Wake Up Time for Port 0
The time to wake = WAKE_TIME_UNIT_P0 * WAKE_TIME_P0
The time is between when switch de-assert LPI and when it can send
data.
12’d35
3[15:14] R/W
WAKE_TIME_UNIT_P1
Wake Up Time Unit for Port 1
2’d2
3[11:0]
R/W
WAKE_TIME_P1
Wake Up Time for Port 1
12’d35
4[15:14] R/W
WAKE_TIME_UNIT_P2
Wake Up Time Unit for Port 2
2’d2
4[11:0]
R/W
WAKE_TIME_P2
Wake Up Time for Port 2
12’d35
5[15:14] R/W
WAKE_TIME_UNIT_P3
Wake Up Time Unit for Port 3
2’d2
5[11:0]
R/W
WAKE_TIME_P3
Wake Up Time for Port 3
12’d35
6[15:14] R/W
WAKE_TIME_UNIT_P4
Wake Up Time Unit for Port 4
2’d2
6[11:0]
R/W
WAKE_TIME_P4
Wake Up Time for Port 4
12’d35
7[15:14] R/W
WAKE_TIME_UNIT_P5
Wake Up Time Unit for Port 5
2’d2
7[11:0]
R/W
WAKE_TIME_P5
Wake Up Time for Port 5
12’d35
8[15:14] R/W
WAKE_TIME_UNIT_P6
Wake Up Time Unit for Port 6
2’d2
8[11:0]
R/W
WAKE_TIME_P6
Wake Up Time for Port 6
12’d35
9[15:14] R/W
WAKE_TIME_UNIT_P7
Wake Up Time Unit for Port 7
2’d2
9[11:0]
R/W
WAKE_TIME_P7
Wake Up Time for Port 7
12’d35
6.27 WOL (Wake on LAN)
PHY
MII
R/W
Description
Default
10[15:8] R/W
WOL_EN[7:0]
Wake on lan enable for each port
P(8’hff)
10[7:2]
R/W RESERVED
22
10[1:0]
R/W
WOL_TIMER
0x0: disable
0x1: 3min
0x2: 5min
0x3: 10min
2’b0
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76