전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD3320 데이터시트(PDF) 2 Page - SHOUDING Shouding Semiconductor

부품명 SD3320
상세설명  LED drive control IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHOUDING [SHOUDING Shouding Semiconductor]
홈페이지  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD3320 데이터시트(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD3320 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD3320 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD3320 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD3320 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD3320 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SD3 3 20
2
管脚定义
DRV 1
2
3
6
5
4
VSS
EN
VDD
TOFF
CS
Pin No.
Pin Name
Description
1
DRV
Driver
2
VSS
Ground
3
EN
Chip Enable
4
VDD
Power supply (2V-6.5V)
5
TOFF
Off time selection
6
CS
Current sensing
极限参数
Type
Symbol
Description
Value
Unit
Voltage
Vmax
Maximum voltage on VOUT and VLX pins
8
V
Vmin-max
Voltage range on EN pins
-0.3-VOUT+0.3
V
Current
IEXTmax
Maximum current on EXT pin
100
mA
Power dissipation
Pdip-8
Maximum Power dissipation for DIP-8 package
0.8
W
Psot-23-5
Maximum Power dissipation for SO-8 package
0.6
W
Thermal
Tmin-max
Operation temperature range
-20-85
oC
Tstorage
Storage temperature range
-40-165
oC
ESD
VESD
ESD voltage for human body mode
2000
V
Shouding
www.shouding.net



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com