| 전자부품 데이터시트 검색엔진 |
|
DWM1001-DEV 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DWM1001-DEV 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 15 page ![]() DWM1001 Module Development Board Datasheet © Decawave Ltd 2017 Subject to change without notice Version 1.3 Page 2 Table of Contents 1 OVERVIEW ................................................... 4 1.1 SUITABLE POWER SUPPLY OPTIONS ................. 5 1.2 BLOCK DIAGRAM OF THE DEVELOPMENT BOARD . 5 2 DWM1001 MODULE..................................... 6 3 RASPBERRY PI INTERFACE ............................ 6 3.1 MEANS OF CONNECTION................................ 6 4 THE DEVELOPMENT BOARD LEDS................. 9 5 ON BOARD J-LINK....................................... 10 6 POWER SUPPLY AND BATTERY CONNECTIONS 11 7 BUTTONS SW1 AND SW2 ............................11 8 DEVELOPMENT BOARD SOLDER BRIDGE JUMPERS ...........................................................12 9 DEVELOPMENT BOARD SCHEMATIC ...........13 10 REFERENCES ............................................14 11 DOCUMENT HISTORY ..............................14 12 FURTHER INFORMATION.........................15 List of Figures FIGURE 1 THE MAIN COMPONENTS OF THE MODULE DEVELOPMENT BOARD ARE SHOWN ......................... 4 FIGURE 2: THE MODULE DEVELOPMENT BOARD CAN BE USED TO CREATE AN ANCHOR, A TAG OR A GATEWAY......... 4 FIGURE 3: MODULE DEVELOPMENT BOARD USED AS AN ANCHOR, TAG OR GATEWAY DEVICE, IN AN RTLS SYSTEM .............................................................. 4 FIGURE 4: THE MAIN SECTIONS OF THE DWM1001 MODULE DEVELOPMENT BOARD............................ 5 FIGURE 5: BLOCK DIAGRAM OF DWM1001 MODULE ....... 6 FIGURE 6: RASPBERRY PI MODEL A TYPE WITH RIBBON CABLE FOR CONNECTION TO THE MODULE DEVELOPMENT BOARD .............................................................. 6 FIGURE 7: HEADER CONNECTOR WITH EXTENDED PIN LENGTHS ............................................................ 7 FIGURE 8: PIN DESIGNATIONS OF THE RASPBERRY PI MODEL A VARIANT.......................................................... 8 FIGURE 9: PIN DESIGNATIONS OF THE RASPBERRY PI MODEL B VARIANT.......................................................... 8 FIGURE 10: FRONT VIEW OF THE DWM1001-DEV MODULE DEVELOPMENT BOARD ............................ 9 FIGURE 11: MODULE DEVELOPMENT BOARD J-LINK COMPONENTS ................................................... 10 FIGURE 12: PICTURE OF THE MODULE DEVELOPMENT BOARD SHOWING THE BATTERY CONNECTION POINTS AND BUTTONS .......................................................... 11 List of Tables TABLE 1: POSSIBLE SOURCES OF POWER FOR THE MODULE DEVELOPMENT BOARD .......................................... 5 TABLE 2: CONNECTIONS BETWEEN RASPBERRY PI AND DWM1001 MODULE .......................................... 7 TABLE 3: THE FIRMWARE INDICATION LEDS .................... 9 TABLE 4: A LIST OF SOLDER JUMPERS AVAILABLE ON THE MODULE DEVELOPMENT BOARD.......................... 12 TABLE 5: DOCUMENT HISTORY.................................... 14 |