전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV202 데이터시트(PDF) 21 Page - Analog Devices

부품명 ADV202
상세설명  JPEG2000 Video Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV202 데이터시트(HTML) 21 Page - Analog Devices

Back Button ADV202 Datasheet HTML 17Page - Analog Devices ADV202 Datasheet HTML 18Page - Analog Devices ADV202 Datasheet HTML 19Page - Analog Devices ADV202 Datasheet HTML 20Page - Analog Devices ADV202 Datasheet HTML 21Page - Analog Devices ADV202 Datasheet HTML 22Page - Analog Devices ADV202 Datasheet HTML 23Page - Analog Devices ADV202 Datasheet HTML 24Page - Analog Devices ADV202 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ADV202
Rev. 0 | Page 21 of 40
Pin No.
Pin Location
Pin Description
74
G2
HDATA[21]_VDATA[17]
75
G3
HDATA[20]_VDATA[16]
76
G4
HDATA[19]_VDATA[15]
77
G5
DGND
78
G6
DGND
79
G7
DGND
80
G8
DGND
81
G9
DGND
82
G10
IRQ
83
G11
ACK
84
G12
RD
85
H1
HDATA[26]_VDATA[22]_JDATA[2]
86
H2
HDATA[25]_VDATA[21]_JDATA[1]
87
H3
HDATA[24]_VDATA[20]_JDATA[0]
88
H4
HDATA[23]_VDATA[19]
89
H5
DGND
90
H6
DGND
91
H7
DGND
92
H8
DGND
93
H9
DGND
94
H10
WR
95
H11
CS
96
H12
ADDR[0]
97
J1
HDATA[30]_JDATA[6]
98
J2
HDATA[29]_JDATA[5]
99
J3
HDATA[28]_JDATA[4]
100
J4
HDATA[27]_VDATA[23]_JDATA[3]
101
J5
DGND
102
J6
VDD
103
J7
VDD
104
J8
DGND
105
J9
DGND
106
J10
ADDR[1]
107
J11
ADDR[2]
108
J12
ADDR[3]
109
K1
SCOMM[1]
Pin No.
Pin Location
Pin Description
110
K2
SCOMM[0]
111
K3
HDATA[31]_JDATA[7]
112
K4
IOVDD
113
K5
DGND
114
K6
VDD
115
K7
VDD
116
K8
DGND
117
K9
IOVDD
118
K10
TEST3
119
K11
TEST2
120
K12
TEST1
121
L1
SCOMM[4]
122
L2
SCOMM[3]
123
L3
SCOMM[2]
124
L4
IOVDD
125
L5
DGND
126
L6
VDD
127
L7
VDD
128
L8
DGND
129
L9
IOVDD
130
L10
TEST5
131
L11
RESET
132
L12
MCLK
133
M1
DGND
134
M2
SCOMM[7]
135
M3
SCOMM[6]
136
M4
SCOMM[5]
137
M5
DGND
138
M6
DGND
139
M7
DGND
140
M8
DGND
141
M9
TEST4
142
M10
PLLVDD
143
M11
DGND
144
M12
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40