전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C987JC 데이터시트(PDF) 3 Page - Advanced Micro Devices

부품명 AM79C987JC
상세설명  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC 데이터시트(HTML) 3 Page - Advanced Micro Devices

  AM79C987JC Datasheet HTML 1Page - Advanced Micro Devices AM79C987JC Datasheet HTML 2Page - Advanced Micro Devices AM79C987JC Datasheet HTML 3Page - Advanced Micro Devices AM79C987JC Datasheet HTML 4Page - Advanced Micro Devices AM79C987JC Datasheet HTML 5Page - Advanced Micro Devices AM79C987JC Datasheet HTML 6Page - Advanced Micro Devices AM79C987JC Datasheet HTML 7Page - Advanced Micro Devices AM79C987JC Datasheet HTML 8Page - Advanced Micro Devices AM79C987JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Am79C987
3
PRELIMINARY
CONNECTION DIAGRAM
PLCC
LOGIC SYMBOL
1
2
3
4
28 27 26
25
5
24
23
22
21
20
19
18
17
16
15
6
7
8
9
10
11
12 13 14
SCLK
SI
CRS
STR
SO
CS
RD
D0
D1
D2
D3
VSS
D4
D5
Am79C987
17305B-2
D7–0
CS
C/D
RD
WR
RDY
INT
RST
CK
CRS
STR
SCLK
SI
SO
DAT
JAM
ACK
COL
V
SS
V
SS
V
DD
Am79C987
17305B-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30