전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS480-48 데이터시트(PDF) 3 Page - PAIRUI GROUP INC.

부품명 IS480-48
상세설명  AC-DC Din Rail Mounted Power Supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PAIRUI [PAIRUI GROUP INC.]
홈페이지  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

IS480-48 데이터시트(HTML) 3 Page - PAIRUI GROUP INC.

  IS480-48 Datasheet HTML 1Page - PAIRUI GROUP INC. IS480-48 Datasheet HTML 2Page - PAIRUI GROUP INC. IS480-48 Datasheet HTML 3Page - PAIRUI GROUP INC. IS480-48 Datasheet HTML 4Page - PAIRUI GROUP INC. IS480-48 Datasheet HTML 5Page - PAIRUI GROUP INC. IS480-48 Datasheet HTML 6Page - PAIRUI GROUP INC. IS480-48 Datasheet HTML 7Page - PAIRUI GROUP INC. IS480-48 Datasheet HTML 8Page - PAIRUI GROUP INC. IS480-48 Datasheet HTML 9Page - PAIRUI GROUP INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Electrical
PRODUCT SPECIFICATION
Part Number
Nominal
Input Voltage
Output
Voltage
Output
Current
Ripple
(Max.)
Efficiency
Certificate
Min
Typ
IS480-24
100-240VAC
24V
20A
1%Vo
mVp-p
93%
94%
CE, FCC, CB, UL, CUL
IS480-48
100-240VAC
48V
10A
1%Vo
mVp-p
93%
94%
CE, FCC, CB, UL, CUL
NOTE:
1. The
ripple values are measured at 20MHz of bandwidth by using a 12'' twisted pair-wire termin-
ated with 0.1uF & 47uF parallel capacitor under ambient temperature 25
℃ at rated input voltage and
rated load;
2. The efficiency values are measured under ambient temperature 25
℃ at rated input voltage and rat-
ed load.
din rail power supply
www.pairuigroup.com
Page:2/17
PAIRUI ELECTRONICS
Updated 2019-V1.0-0318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com