전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD8910 데이터시트(PDF) 2 Page - SHOUDING Shouding Semiconductor

부품명 SD8910
상세설명  2A , 21V 600KHz Synchronous Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHOUDING [SHOUDING Shouding Semiconductor]
홈페이지  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8910 데이터시트(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD8910 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Typical Application Circuit
GND
VIN
BST
FB
LX
VIN
4.5V to 21V
VOUT
10
μF/25V
CERAMIC x 2
22
μF/6.3V
CERAMIC x 2
L1
4.7
μH
R2
R1
R3
100k
Ω
1
5
6
2
3
4
C4
C1
C2
C3
0.1
μF
SHDN
3.3V
9.76k
Ω 1%
30.9k
Ω 1%
(optional)
Figure 2. CIN /COUT use Ceramic Capacitors Application Circuit
GND
VIN
BST
FB
LX
VIN
4.5V to 21V
VOUT
0.1μF/25V
CERAMIC x 1
100μF/6.3V
EC x 1
R2
R1
1
5
6
2
3
4
C1
C2
100μF/25V
EC x 1
C4
L1
4.7μH
C3
0.1μF
R3
100kΩ
SHDN
3.3V
30.9kΩ 1%
9.76kΩ 1%
Figure 3. CIN /COUT use Electrolytic Capacitors Application Circuit
VOUT
R1
R2
C4
L1
COUT
1.2V
4.99k
Ω
10k
Ω
10pF~1nF
2.2μH
22μF MLCC x2
1.8V
4.99k
Ω
3.92k
Ω
10pF~1nF
2.2μH
22μF MLCC x2
2.5V
4.99k
Ω
2.32k
Ω
10pF~1nF
4.7μH
22μF MLCC x2
3.3V
30.9k
Ω
9.76k
Ω
10pF~1nF
4.7μH
22μF MLCC x2
5V
30.9k
Ω
5.76k
Ω
10pF~1nF
4.7μH
22μF MLCC x2
1.2V
4.99k
Ω
10k
Ω
--
2.2μH
100μF EC x1
1.8V
4.99k
Ω
3.92k
Ω
--
2.2μH
100μF EC x1
2.5V
4.99k
Ω
2.32k
Ω
--
4.7μH
100μF EC x1
3.3V
30.9k
Ω
9.76k
Ω
--
4.7μH
100μF EC x1
5V
30.9k
Ω
5.76k
Ω
--
4.7μH
100μF EC x1
Table 1. Recommended Component Values
SD8910
SD8910
SD8910
Shouding
SD8910-0.5-AUG-2011
www.shouding.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com